| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 19 DDR and DDR2 SDRAM Table 19 provides the input AC timing specifications for the DDR SDRAM interface. Figure 5 illustrates the DDR input timing diagram showing the tDISKEW timing parameter. Figure 5. DDR Input Timing Diagram Table 19. DDR and DDR2 SDRAM Input AC Timing Specifications At recommended operating conditions with GVDD of (1.8 or 2.5 V) ± 5%. Parameter Symbol Min Max Unit Notes Controller Skew for MDQS—MDQ/MECC/MDM tCISKEW ps 1, 2 400 MHz –600 600 3 333 MHz –750 750 — 266 MHz –750 750 — 200 MHz –750 750 — Notes: 1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that will be captured with MDQS[n]. This should be subtracted from the total timing budget. 2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW. This can be determined by the equation: tDISKEW = ± (T/4 – abs (tCISKEW)); where T is the clock period and abs (tCISKEW) is the absolute value of tCISKEW. 3. This specification applies only to the DDR interface. MCK[n] MCK[n] tMCK MDQ[x] MDQS[n] tDISKEW D1 D0 tDISKEW |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |