công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 52 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
52
Freescale Semiconductor
IPIC
16 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins.
16.1
IPIC DC Electrical Characteristics
Table 51 provides the DC electrical characteristics for the external interrupt pins.
16.2
IPIC AC Timing Specifications
Table 52 provides the IPIC input and output AC timing specifications.
17 SPI
This section describes the SPI DC and AC electrical specifications.
17.1
SPI DC Electrical Characteristics
Table 53 provides the SPI DC electrical characteristics.
Table 51. IPIC DC Electrical Characteristics1
Parameter
Symbol
Condition
Min
Max
Unit
Notes
Input high voltage
VIH
—2.0
OVDD +0.3
V
—
Input low voltage
VIL
—–0.3
0.8
V
—
Input current
IIN
——
±5
μA—
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
2
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
2
Notes:
1. This table applies for pins IRQ[0:7], IRQ_OUT, and MCP_OUT.
2. IRQ_OUT and MCP_OUT are open-drain pins; thus VOH is not relevant for those pins.
Table 52. IPIC Input AC Timing Specifications1
Parameter
Symbol2
Min
Unit
IPIC inputs—minimum pulse width
tPICWID
20
ns
Notes:
1. Input specifications are measured at the 50 percent level of the IPIC input signals. Timings are measured at the pin.
2. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized before use by external
synchronous logic. IPIC inputs must be valid for at least tPICWID ns to ensure proper operation in edge triggered mode.
Table 53. SPI DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com