công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 75 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
75
Package and Pin Listings
LVDD1
U20, W25
Power for
three-speed
Ethernet #1
and for
Ethernet
management
interface I/O
(2.5 V, 3.3 V)
LVDD1—
LVDD2
V20, Y23
Power for
three-speed
Ethernet #2
I/O (2.5 V,
3.3 V)
LVDD2—
VDD
J11, J12, J15, K10, K11, K12, K13,
K14, K15, K16, K17, K18, K19, L10,
L11, L18, L19, M10, M19, N10, N19,
P9, P10, P19, R10, R19, R20, T10,
T19, U10, U19, V10, V11, V18, V19,
W11, W12, W13, W14, W15, W16,
W17, W18
Power for core
(1.2 V)
VDD
—
OVDD
B27, D3, D11, D19, E15, E23, F5, F8,
F11, F14, F17, F20, G24, H23, H24,
J6, J14, J17, J18, K4, L9, L20, L23,
L25, M6, M9, M20, P5, P20, P23, R6,
R9, R24, U23, V4, V6
PCI, 10/100
Ethernet, and
other standard
(3.3 V)
OVDD
—
MVREF1
AF19
I
DDR
reference
voltage
—
MVREF2
AE10
I
DDR
reference
voltage
—
No Connection
NC
V1, V2, V5
—
—
—
Notes:
1. This pin is an open-drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OV
DD.
2. This pin is an open-drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OV
DD.
3. During reset, this output is actively driven rather than three-stated.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull-up if the chip is in PCI host mode. Follow the PCI specifications.
6. This pin must always be tied to GND.
7. This pin must always be left not connected.
8. Thermal sensitive resistor.
9. It is recommended that MDIC0 be tied to GRD using an 18
Ω resistor and MDIC1 be tied to DDR power using an 18 Ω resistor.
10.TSEC1_TXD[3] is required an external pull-up resistor. For proper functionality of the device, this pin must be pulled up or
actively driven high during a hard reset. No external pull-down resistors are allowed to be attached to this net.
11. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to LV
DD1.
12. For systems that boot from local bus (GPCM)-controlled NOR flash, a pullup on LGPL4 is required.
Table 56. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com