công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 98 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 99Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
98
Freescale Semiconductor
Document Revision History
2
8/2006
• Changed all references to revision 2.0 silicon to revision 3.0 silicon.
• Changed VIH minimum value in Table 39, “JTAG Interface DC Electrical Characteristics,” to
OVDD –0.3.
• In Table 40, “PCI DC Electrical Characteristics,” changed high-level input voltage values to min
= 2 and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• In Table 44, “PCI DC Electrical Characteristics,” changed high-level input voltage values to min
= 2 and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• Updated DDR2 I/O power values in Table 5, “MPC8347EA Typical I/O Power Dissipation.”
• In Table 63, “Suggested PLL Configurations,” deleted reference-number rows 902 and 703.
1
4/2006
• Removed Table 20, “Timing Parameters for DDR2-400.”
• Changed ADDR/CMD to ADDR/CMD/MODT in Table 9, “DDR and DDR2 SDRAM Output AC
Timing Specifications,” rows 2 and 3, and in Figure 2, “DDR SDRAM Output Timing Diagram.
• Changed Min and Max values for VIH and VIL in Table 40,“PCI DC Electrical Characteristics.”
• In Table 51, “MPC8347EA (TBGA) Pinout Listing,” and Table 52, “MPC8347EA (PBGA) Pinout
Listing,” modified rows for MDICO and MDIC1 signals and added note ‘It is recommended that
MDICO be tied to GRD using an 18
Ω resistor and MCIC1 be tied to DDR power using an 18 Ω
resistor.’
• In Table 51, “MPC8347EA (TBGA) Pinout Listing,” and Table 52, “MPC8347EA (PBGA) Pinout
Listing,” in row AVDD3 changed power supply from “AVDD3” to ‘—.’
0
3/2006
Initial public release
Table 72. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com