| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 15 RESET Initialization 5.2 RESET AC Electrical Characteristics Table 10 provides the reset initialization AC timing specifications of the MPC8347EA. Output low voltage VOL IOL = 3.2 mA — 0.4 V Notes: 1. This table applies for pins PORESET, HRESET, SRESET, and QUIESCE. 2. HRESET and SRESET are open drain pins, thus VOH is not relevant for those pins. Table 10. RESET Initialization Timing Specifications Parameter Min Max Unit Notes Required assertion time of HRESET or SRESET (input) to activate reset flow 32 — tPCI_SYNC_IN 1 Required assertion time of PORESET with stable clock applied to CLKIN when the MPC8347EA is in PCI host mode 32 — tCLKIN 2 Required assertion time of PORESET with stable clock applied to PCI_SYNC_IN when the MPC8347EA is in PCI agent mode 32 — tPCI_SYNC_IN 1 HRESET/SRESET assertion (output) 512 — tPCI_SYNC_IN 1 HRESET negation to SRESET negation (output) 16 — tPCI_SYNC_IN 1 Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with respect to negation of PORESET when the MPC8347EA is in PCI host mode 4— tCLKIN 2 Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with respect to negation of PORESET when the MPC8347EA is in PCI agent mode 4— tPCI_SYNC_IN 1 Input hold time for POR configuration signals with respect to negation of HRESET 0— ns — Time for the MPC8347EA to turn off POR configuration signals with respect to the assertion of HRESET —4 ns 3 Time for the MPC8347EA to turn on POR configuration signals with respect to the negation of HRESET 1— tPCI_SYNC_IN 1, 3 Notes: 1. tPCI_SYNC_IN is the clock period of the input clock applied to PCI_SYNC_IN. In PCI host mode, the primary clock is applied to the CLKIN input, and PCI_SYNC_IN period depends on the value of CFG_CLKIN_DIV. See the MPC8349EA PowerQUICC II Pro Integrated Host Processor Family Reference Manual. 2. tCLKIN is the clock period of the input clock applied to CLKIN. It is valid only in PCI host mode. See the MPC8349EA PowerQUICC II Pro Integrated Host Processor Family Reference Manual. 3. POR configuration signals consist of CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV. Table 9. RESET Pins DC Electrical Characteristics1 (continued) Parameter Symbol Condition Min Max Unit |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |