công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
10
Freescale Semiconductor
Power Characteristics
supplies are stable and if the I/O voltages are supplied before the core voltage, there may be a period of
time that all input and output pins will actively be driven and cause contention and excessive current from
3A to 5A. In order to avoid actively driving the I/O pins and to eliminate excessive current draw, apply the
core voltage (VDD) before the I/O voltage (GVDD, LVDD, and OVDD) and assert PORESET before the
power supplies fully ramp up. In the case where the core voltage is applied first, the core voltage supply
must rise to 90% of its nominal value before the I/O supplies reach 0.7 V, see Figure 4.
Figure 4. Power Sequencing Example
I/O voltage supplies (GVDD, LVDD, and OVDD) do not have any ordering requirements with respect to one
another.
3
Power Characteristics
The estimated typical power dissipation for the MPC8347EA device is shown in Table 4.
Table 4. MPC8347EA Power Dissipation1
Core
Frequency
(MHz)
CSB
Frequency
(MHz)
Typical at TJ = 65
Typical2
,3
Maximum4
Unit
PBGA
266
266
1.3
1.6
1.8
W
133
1.1
1.4
1.6
W
400
266
1.5
1.9
2.1
W
133
1.4
1.7
1.9
W
400
200
1.5
1.8
2.0
W
100
1.3
1.7
1.9
W
I/O Voltage (GVDD, LVDD, OVDD)
Core Voltage (VDD, AVDD)
90%
0.7 V
Time
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com