công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
16
Freescale Semiconductor
DDR and DDR2 SDRAM
Table 11 lists the PLL and DLL lock times.
6
DDR and DDR2 SDRAM
This section describes the DC and AC electrical specifications for the DDR SDRAM interface of the
MPC8347EA. Note that DDR SDRAM is GVDD(typ) = 2.5 V and DDR2 SDRAM is GVDD(typ) = 1.8 V.
The AC electrical specifications are the same for DDR and DRR2 SDRAM.
NOTE
The information in this document is accurate for revision 3.0 silicon and
later. For information on revision 1.1 silicon and earlier versions see the
MPC8347E PowerQUICC II Pro Integrated Host Processor Hardware
Specifications. See Section 22.1, “Part Numbers Fully Addressed by This
Document,” for silicon revision level determination.
6.1
DDR and DDR2 SDRAM DC Electrical Characteristics
Table 12 provides the recommended operating conditions for the DDR2 SDRAM component(s) of the
MPC8347EA when GVDD(typ) = 1.8 V.
Table 11. PLL and DLL Lock Times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times
—
100
μs—
DLL lock times
7680
122,880
csb_clk cycles
1, 2
Notes:
1. DLL lock times are a function of the ratio between the output clock and the coherency system bus clock (csb_clk). A 2:1 ratio
results in the minimum and an 8:1 ratio results in the maximum.
2. The csb_clk is determined by the CLKIN and system PLL ratio. See Section 19, “Clocking.”
Table 12. DDR2 SDRAM DC Electrical Characteristics for GVDD(typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
1.71
1.89
V
1
I/O reference voltage
MVREF
0.49
× GV
DD
0.51
× GV
DD
V2
I/O termination voltage
VTT
MVREF –0.04
MVREF +0.04
V
3
Input high voltage
VIH
MVREF + 0.125
GVDD +0.3
V
—
Input low voltage
VIL
–0.3
MVREF –0.125
V
—
Output leakage current
IOZ
–9.9
9.9
μA4
Output high current (VOUT = 1.420 V)
IOH
–13.4
—
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com