| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 48 Freescale Semiconductor PCI 13 PCI This section describes the DC and AC electrical specifications for the PCI bus of the MPC8347EA. 13.1 PCI DC Electrical Characteristics Table 44 provides the DC electrical characteristics for the PCI interface of the MPC8347EA. 13.2 PCI AC Electrical Specifications This section describes the general AC timing parameters of the PCI bus of the MPC8347EA. Note that the PCI_CLK or PCI_SYNC_IN signal is used as the PCI input clock depending on whether the device is configured as a host or agent device. Table 45 provides the PCI AC timing specifications at 66 MHz. Table 44. PCI DC Electrical Characteristics Parameter Symbol Test Condition Min Max Unit High-level input voltage VIH VOUT ≥ VOH (min) or 2 OVDD +0.3 V Low-level input voltage VIL VOUT ≤ VOL (max) –0.3 0.8 V Input current IIN VIN 1= 0 V or V IN = OVDD —±5 μA High-level output voltage VOH OVDD = min, IOH = –100 μA OVDD –0.2 — V Low-level output voltage VOL OVDD = min, IOL = 100 μA —0.2 V Note: 1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 1. Table 45. PCI AC Timing Specifications at 66 MHz1 Parameter Symbol2 Min Max Unit Notes Clock to output valid tPCKHOV —6.0 ns 3 Output hold from clock tPCKHOX 1— ns 3 Clock to output high impedance tPCKHOZ —14 ns 3, 4 Input setup to clock tPCIVKH 3.0 — ns 3, 5 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |