| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 8 Freescale Semiconductor Electrical Characteristics 2.1.2 Power Supply Voltage Specification Table 2 provides the recommended operating conditions for the MPC8347EA. Note that the values in Table 2 are the recommended and tested operating conditions. Proper device operation outside these conditions is not guaranteed. Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8347EA. Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD Table 2. Recommended Operating Conditions Parameter Symbol Recommended Value Unit Notes Core supply voltage for 667-MHz core frequency VDD 1.3 V ± 60 mV V 1 Core supply voltage VDD 1.2 V ± 60 mV V 1 PLL supply voltage for 667-MHz core frequency AVDD 1.3 V ± 60 mV V 1 PLL supply voltage AVDD 1.2 V ± 60 mV V 1 DDR and DDR2 DRAM I/O voltage GVDD 2.5 V ± 125 mV 1.8 V ± 90 mV V— Three-speed Ethernet I/O supply voltage LVDD1 3.3 V ± 330 mV 2.5 V ± 125 mV V— Three-speed Ethernet I/O supply voltage LVDD2 3.3 V ± 330 mV 2.5 V ± 125 mV V— PCI, local bus, DUART, system control and power management, I2C, and JTAG I/O voltage OVDD 3.3 V ± 330 mV V — Note: 1 GV DD, LVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative direction. GND GND – 0.3 V GND – 0.7 V Not to Exceed 10% G/L/OVDD + 20% G/L/OVDD G/L/OVDD + 5% of tinterface 1 1. tinterface refers to the clock period associated with the bus clock interface. VIH VIL Note: |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |