| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 53 SPI 17.2 SPI AC Timing Specifications Table 54 provides the SPI input and output AC timing specifications. Figure 37 provides the AC test load for the SPI. Figure 37. SPI AC Test Load Input current IIN —— ±5 μA Output high voltage VOH IOH = –8.0 mA 2.4 — V Output low voltage VOL IOL = 8.0 mA — 0.5 V Output low voltage VOL IOL = 3.2 mA — 0.4 V Table 54. SPI AC Timing Specifications1 Parameter Symbol2 Min Max Unit SPI outputs valid—Master mode (internal clock) delay tNIKHOV —6 ns SPI outputs hold—Master mode (internal clock) delay tNIKHOX 0.5 — ns SPI outputs valid—Slave mode (external clock) delay tNEKHOV —8 ns SPI outputs hold—Slave mode (external clock) delay tNEKHOX 2— ns SPI inputs—Master mode (internal clock input setup time tNIIVKH 4— ns SPI inputs—Master mode (internal clock input hold time tNIIXKH 0— ns SPI inputs—Slave mode (external clock) input setup time tNEIVKH 4— ns SPI inputs—Slave mode (external clock) input hold time tNEIXKH 2— ns Notes: 1. Output specifications are measured from the 50 percent level of the rising edge of CLKIN to the 50 percent level of the signal. Timings are measured at the pin. 2. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tNIKHOX symbolizes the internal timing (NI) for the time SPICLK clock reference (K) goes to the high state (H) until outputs (O) are invalid (X). Table 53. SPI DC Electrical Characteristics (continued) Parameter Symbol Condition Min Max Unit Output Z0 = 50 Ω OVDD/2 RL = 50 Ω |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |