| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 47 I2C Figure 32 provides the AC test load for the I2C. Figure 32. I2C AC Test Load Figure 33 shows the AC timing diagram for the I2C bus. Figure 33. I2C Bus AC Timing Diagram Fall time of both SDA and SCL signals5 tI2CF __ 300 ns Setup time for STOP condition tI2PVKH 0.6 — μs Bus free time between a STOP and START condition tI2KHDX 1.3 — μs Noise margin at the LOW level for each connected device (including hysteresis) VNL 0.1 × OV DD —V Noise margin at the HIGH level for each connected device (including hysteresis) VNH 0.2 × OV DD —V Notes: 1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I 2C timing (I2) with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup time. Also, tI2SXKL symbolizes I 2C timing (I2) for the time that the data with respect to the start condition (S) goes invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I 2C timing (I2) for the time that the data with respect to the stop condition (P) reaches the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 2. The device provides a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) to bridge the undefined region of the falling edge of SCL. 3. The maximum tI2DVKH must be met only if the device does not stretch the LOW period (tI2CL) of the SCL signal. 4. CB = capacitance of one bus line in pF. 5.)The device does not follow the “I2C-BUS Specifications” version 2.1 regarding the tI2CF AC parameter. Table 43. I2C AC Electrical Specifications (continued) Parameter Symbol1 Min Max Unit Output Z0 = 50 Ω OVDD/2 RL = 50 Ω Sr S SDA SCL tI2CF tI2SXKL tI2CL tI2CH tI2DXKL tI2DVKH tI2SXKL tI2SVKH tI2KHKL tI2PVKH tI2CR tI2CF PS |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |