công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
33
Ethernet: Three-Speed Ethernet, MII Management
8.3.2
MII Management AC Electrical Specifications
Table 34 provides the MII management AC timing specifications.
Input high current
IIH
VIN
1 = LV
DD
—10
μA
Input low current
IIL
VIN = LVDD
–15
—
μA
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 33. MII Management DC Electrical Characteristics Powered at 3.3 V
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage (3.3 V)
LVDD
—
2.97
3.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDD = Min
2.10
LVDD +0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDD = Min
GND
0.50
V
Input high voltage
VIH
—2.00
—
V
Input low voltage
VIL
—
—
0.80
V
Input high current
IIH
LVDD = Max
VIN
1 = 2.1 V
—
40
μA
Input low current
IIL
LVDD = Max
VIN = 0.5 V
–600
—
μA
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 34. MII Management AC Timing Specifications
At recommended operating conditions with LVDD is 3.3 V ± 10% or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
—2.5
—
MHz
2
MDC period
tMDC
—400
—
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO delay
tMDKHDX
10
—
70
ns
3
MDIO to MDC setup time
tMDDVKH
5—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
MDC rise time
tMDCR
—
—
10
ns
—
Table 32. MII Management DC Electrical Characteristics Powered at 2.5 V (continued)
Parameter
Symbol
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com