| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALFB bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALFB bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 9 Electrical Characteristics Figure 3 shows the undershoot and overshoot voltage of the PCI interface of the MPC8347EA for the 3.3-V signals, respectively. Figure 3. Maximum AC Waveforms on PCI Interface for 3.3-V Signaling 2.1.3 Output Driver Characteristics Table 3 provides information on the characteristics of the output driver strengths. The values are preliminary estimates. 2.2 Power Sequencing This section details the power sequencing considerations for the MPC8347EA. 2.2.1 Power-Up Sequencing MPC8347EAdoes not require the core supply voltage (VDD and AVDD) and I/O supply voltages (GVDD, LVDD, and OVDD) to be applied in any particular order. During the power ramp up, before the power Table 3. Output Drive Capability Driver Type Output Impedance ( Ω) Supply Voltage Local bus interface utilities signals 40 OVDD = 3.3 V PCI signals (not including PCI output clocks) 25 PCI output clocks (including PCI_SYNC_OUT) 40 DDR signal 18 GVDD = 2.5 V DDR2 signal 18 36 (half-strength mode) GVDD = 1.8 V TSEC/10/100 signals 40 LVDD = 2.5/3.3 V DUART, system control, I2C, JTAG, USB 40 OVDD = 3.3 V GPIO signals 40 OVDD = 3.3 V, LVDD = 2.5/3.3 V Undervoltage Waveform Overvoltage Waveform 11 ns (Min) +7.1 V 7.1 V p-to-p (Min) 4 ns (Max) –3.5 V 7.1 V p-to-p (Min) 62.5 ns +3.6 V 0 V 4 ns (Max) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |