công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 949 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 949 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 945Page - Renesas Technology Corp H8S/2454 Datasheet HTML 946Page - Renesas Technology Corp H8S/2454 Datasheet HTML 947Page - Renesas Technology Corp H8S/2454 Datasheet HTML 948Page - Renesas Technology Corp H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp H8S/2454 Datasheet HTML 950Page - Renesas Technology Corp H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp H8S/2454 Datasheet HTML 952Page - Renesas Technology Corp H8S/2454 Datasheet HTML 953Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 919 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
EP1 FULL
0
R
EP1 FIFO Full
This bit is set when endpoint 1 receives one packet of
data successfully from the host, and holds a value of 1
as long as there is valid data in the FIFO buffer.
This is a status bit and cannot be cleared.
16.3.4
Interrupt Enable Register 0 (IER0)
IER0 enables the interrupt requests of interrupt flag register 0 (IFR0). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 0
(ISR0).
Bit
Bit Name
Initial
Value
R/W
Description
7
BRSTE
0
R/W
Bus Reset
6
CFDNE
0
R/W
End Point Information Load End
5
SSRSME
0
R/W
Resume Detection for Software Standby Cancel
For details of the operation, see section 16.5.4,
Suspend and Resume Operations.
4
SURSFE
0
R/W
Suspend/Resume Detection
For details of the operation, see section 16.5.4,
Suspend and Resume Operations.
3
SETCE
0
R/W
Set_Configuration Command Detection
2
SETIE
0
R/W
Set_Interface Command Detection
1
0
Reserved
This bit is always read as 0. The write value should
always be 0.
0
VBUSFE
0
R/W
USB Bus Connection/Disconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com