công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 62 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 62 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 58Page - Renesas Technology Corp H8S/2454 Datasheet HTML 59Page - Renesas Technology Corp H8S/2454 Datasheet HTML 60Page - Renesas Technology Corp H8S/2454 Datasheet HTML 61Page - Renesas Technology Corp H8S/2454 Datasheet HTML 62Page - Renesas Technology Corp H8S/2454 Datasheet HTML 63Page - Renesas Technology Corp H8S/2454 Datasheet HTML 64Page - Renesas Technology Corp H8S/2454 Datasheet HTML 65Page - Renesas Technology Corp H8S/2454 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 32 of 1342
REJ09B0467-0100
Pin No.
H8S/2456, H8S/2456R
H8S/2454
Type
Symbol
144-Pin
145-Pin
120-Pin
I/O
Function
Bus
control
RAS/RAS2
RAS3
RAS4*3
RAS5*3
109
110
35
36
A12
A13
L1
M1
91
92
Output Row address strobe signal for the
DRAM when the DRAM interface is
set.
RAS signal is a row address
strobe signal when areas 2 to 5 are
set as the continuous DRAM space.
RAS*1
109
A12
Output Row address strobe signal for the
synchronous DRAM when the
synchronous DRAM interface is set.
CAS*1
110
A13
Output Column address strobe signal for the
synchronous DRAM when the
synchronous DRAM interface is set.
WE*1
35
L1
Output Write enable signal for the
synchronous DRAM when the
synchronous DRAM interface is set.
WAIT-A
WAIT-B
84
56
J11
N7
69
47
Input
Requests insertion of a wait state in
the bus cycles when accessing an
external 3-state address space.
OE-A
OE-B
38
137
M2
A5
69
113
Output Output enable signal when accessing
the DRAM space. The output pins of
OE and (OE) are selected by the port
function control register 2 (PFCR2) of
port 3.
CKE-A*
1
CKE-B*
1
38
137
M2
A5
Output Clock enable signal when the
synchronous DRAM interface is set.
The output pins of CKE and (
CKE)
are selected by the port function
control register 2 (PFCR2) of port 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com