công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 88Page - Renesas Technology Corp H8S/2454 Datasheet HTML 89Page - Renesas Technology Corp H8S/2454 Datasheet HTML 90Page - Renesas Technology Corp H8S/2454 Datasheet HTML 91Page - Renesas Technology Corp H8S/2454 Datasheet HTML 92Page - Renesas Technology Corp H8S/2454 Datasheet HTML 93Page - Renesas Technology Corp H8S/2454 Datasheet HTML 94Page - Renesas Technology Corp H8S/2454 Datasheet HTML 95Page - Renesas Technology Corp H8S/2454 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 1376 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 62 of 1342
REJ09B0467-0100
Table 2.4
Arithmetic Operations Instructions (2)
Instruction
Size*
1
Function
DIVXS
B/W
Rd ÷ Rs
→ Rd
Performs signed division on data in two general registers:
either 16 bits ÷ 8 bits
→ 8-bit quotient and 8-bit remainder or
32 bits ÷ 16 bits
→ 16-bit quotient and 16-bit remainder.
CMP
B/W/L
Rd – Rs, Rd – #IMM
Compares data in a general register with data in another general
register or with immediate data, and sets CCR bits according to the
result.
NEG
B/W/L
0 – Rd
→ Rd
Takes the two's complement (arithmetic complement) of data in a
general register.
EXTU
W/L
Rd (zero extension)
→ Rd
Extends the lower 8 bits of a 16-bit register to word size, or the lower 16
bits of a 32-bit register to longword size, by padding with zeros on the
left.
EXTS
W/L
Rd (sign extension)
→ Rd
Extends the lower 8 bits of a 16-bit register to word size, or the lower 16
bits of a 32-bit register to longword size, by extending the sign bit.
TAS*
2
B
@ERd – 0, 1
→ (<bit 7> of @ERd)
Tests memory contents, and sets the most significant bit (bit 7) to 1.
MAC
—
(EAs)
× (EAd) + MAC → MAC
Performs signed multiplication on memory contents and adds the result
to the multiply-accumulate register. The following operations can be
performed:
16 bits
× 16 bits + 32 bits → 32 bits, saturating
16 bits
× 16 bits + 42 bits → 42 bits, non-saturating
CLRMAC
—
0
→ MAC
Clears the multiply-accumulate register to zero.
LDMAC
STMAC
L
Rs
→ MAC, MAC → Rd
Transfers data between a general register and a multiply-accumulate
register.
Notes: 1. Size refers to the operand size.
B: Byte
W: Word
L:
Longword
2. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com