công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 57 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 57 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 53Page - Renesas Technology Corp H8S/2454 Datasheet HTML 54Page - Renesas Technology Corp H8S/2454 Datasheet HTML 55Page - Renesas Technology Corp H8S/2454 Datasheet HTML 56Page - Renesas Technology Corp H8S/2454 Datasheet HTML 57Page - Renesas Technology Corp H8S/2454 Datasheet HTML 58Page - Renesas Technology Corp H8S/2454 Datasheet HTML 59Page - Renesas Technology Corp H8S/2454 Datasheet HTML 60Page - Renesas Technology Corp H8S/2454 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 27 of 1342
REJ09B0467-0100
Pin No.
Pin Name
Mode 7
120-Pin
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Flash Memory
Programmer
Mode
115
P33/RxD1/SCL1
P33/RxD1/SCL1
P33/RxD1/SCL1
P33/RxD1/SCL1
P33/RxD1/SCL1
NC
116
P32/RxD0/
IrRxD/SDA1
P32/RxD0/
IrRxD/SDA1
P32/RxD0/
IrRxD/SDA1
P32/RxD0/
IrRxD/SDA1
P32/RxD0/
IrRxD/SDA1
Vcc
117
P31/TxD1
P31/TxD1
P31/TxD1
P31/TxD1
P31/TxD1
NC
118
P30/TxD0/IrTxD
P30/TxD0/IrTxD
P30/TxD0/IrTxD
P30/TxD0/IrTxD
P30/TxD0/IrTxD
NC
119
MD0
MD0
MD0
MD0
MD0
Vss
120
MD1
MD1
MD1
MD1
MD1
Vss
1.4.3
Pin Functions
Table 1.5
Pin Functions
Pin No.
H8S/2456, H8S/2456R
H8S/2454
Type
Symbol
144-Pin
145-Pin
120-Pin
I/O
Function
Power
supply
V
CC
4, 72, 98,
99
B2, N12,
E11,E13
2, 60, 83,
84
Input
For connection to the power supply.
V
CC pins should be connected to the
system power supply.
V
SS
2, 10, 18,
25, 50, 70,
95, 102
A1, E2, F4,
H1, N5,
M11 E10,
F11
8, 17, 22,
58, 80, 87
Input
For connection to ground. V
SS pins
should be connected to the system
power supply (0 V).
PLLV
CC
91
H13
76
Input
Power supply pin for the on-chip PLL
oscillator.
PLLV
SS
93
G13
78
Input
Ground pin for the on-chip PLL
oscillator.
VCL
41
L3
33
Output
This pin must not be connected to the
power supply and should be
connected to the V
SS pin via a 0.1-µF
(recommended value) capacitor
(place it close to pin).
DrV
CC
52
L7
43
Input
Power supply pin for the USB on-chip
transceiver. Pins should be
connected to the system power
supply.
DrV
SS
55
M7
46
Input
Ground pin for the USB on-chip
transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com