| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2454 bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp |
|
69 / 1376 page ![]() Section 1 Overview Rev. 1.00 Sep. 19, 2008 Page 39 of 1342 REJ09B0467-0100 Pin No. H8S/2456, H8S/2456R H8S/2454 Type Symbol 144-Pin 145-Pin 120-Pin I/O Function I/O ports P17 to P10 49 to 42 L5, K6, K5, N4, M5, L4, M4, N3 41 to 34 Input/ output 8-bit input/output pins. P27 to P25 P20 58 to 56 51 K7, L8, N7, L6 49 to 47 42 Input/ output 4-bit input/output pins. P35 to P30 137 to 142 A5, B4, C5, A4, B3, C4 113 to 118 Input/ output 6-bit input/output pins. P47 to P40 120 to 113 B8, C9, B9, A10, C10, B10, C11, A11 102 to 95 Input 8-bit input pins. P53 to P50 136 to 133 D4, C6, B5, A6 112 to 109 Input/ output 4-bit input/output pins. P65 to P60 106 to 104, 83 to 81 C13, D12, D10, J10, K13, J12 Input/ output 6-bit input/output pins. P85 P84* 3 P83 P82* 3 P81 P80* 3 61 60 59 34 33 3 M8 N8 K8 K3 L2 C2 50 85 86 Input/ output 6-bit input/output pins in the H8S/2456 Group and H8S/2456R Group. 3-bit input/output pins in the H8S/2454 Group. P97* 3, P96* 3, P95, P94, P93 to P90* 3 128 to 121 D6, D7, D8, A8, B7, C8, D9, A9 104, 103 Input 8-bit input/output pins in the H8S/2456 Group and H8S/2456R Group. 2-bit input/output pins in the H8S/2454 Group. PA7 to PA0 31 to 26, 24, 23 J3, K2, J1, K4, H3, J2, J4, G3 29 to 23, 21 Input/ output 8-bit input/output pins. PB7 to PB0 22 to 19, 17 to 14 H2, G1, H4, G4, F1, G2, F3, E4 20 to 18, 16 to 12 Input/ output 8-bit input/output pins. |