công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 59 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 59 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 55Page - Renesas Technology Corp H8S/2454 Datasheet HTML 56Page - Renesas Technology Corp H8S/2454 Datasheet HTML 57Page - Renesas Technology Corp H8S/2454 Datasheet HTML 58Page - Renesas Technology Corp H8S/2454 Datasheet HTML 59Page - Renesas Technology Corp H8S/2454 Datasheet HTML 60Page - Renesas Technology Corp H8S/2454 Datasheet HTML 61Page - Renesas Technology Corp H8S/2454 Datasheet HTML 62Page - Renesas Technology Corp H8S/2454 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 29 of 1342
REJ09B0467-0100
Pin No.
H8S/2456, H8S/2456R
H8S/2454
Type
Symbol
144-Pin
145-Pin
120-Pin
I/O
Function
System
control
RES
92
G11
77
Input
Reset pin. When this pin is driven
low, the chip is reset.
STBY
103
D13
88
Input
When this pin is driven low, a
transition is made to hardware
standby mode.
EMLE
32
K1
30
Input
On-chip emulator enable pin. When
the on-chip emulator is used, this pin
should be fixed high. At this time,
pins P53, PG4 to PG6, and
WDTOVF are used exclusively by the
on-chip emulator. Therefore, the
corresponding pin functions of those
pins are not available. When the on-
chip emulator is not used, this pin
should be fixed low.
BSCANE*
2
L9
Input
Boundary scan enable pin. When the
boundary scan function is used, this
pin should be fixed high. At this time,
pins P53, PG4 to PG6, and
WDTOVF are used exclusively for
boundary scan. Therefore, the
corresponding pin functions of those
pins are not available. When the
boundary scan function is not used,
this pin should be fixed low.
Address
bus
A23 to A0
31 to 26,
24 to 19,
17 to 11,
9 to 5
J3, K2, J1,
K4, H3, J2,
J4, G3, H2,
G1, H4,
G4, F1,
G2, F3,
E4, E1, F2,
E3, D1,
D3, D2,
C3, C1
29 to 23,
21 to 18,
16 to 9,
7 to 3
Output These pins output an address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com