công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 33Page - Renesas Technology Corp H8S/2454 Datasheet HTML 34Page - Renesas Technology Corp H8S/2454 Datasheet HTML 35Page - Renesas Technology Corp H8S/2454 Datasheet HTML 36Page - Renesas Technology Corp H8S/2454 Datasheet HTML 37Page - Renesas Technology Corp H8S/2454 Datasheet HTML 38Page - Renesas Technology Corp H8S/2454 Datasheet HTML 39Page - Renesas Technology Corp H8S/2454 Datasheet HTML 40Page - Renesas Technology Corp H8S/2454 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 7 of 1342
REJ09B0467-0100
Type
Module/
Function
Description
Smart
Card/SIM
SCI supports Smart Card (SIM) interface
I
2C bus interface 2
(IIC2)
• Four channels
• Continuous transmission/reception
• Start and stop conditions generated automatically in master
mode
• Selection of acknowledge output levels when receiving
• Automatic loading of acknowledge bit when transmitting
• Bit synchronization/wait function
Synchronous serial
communication
unit (SSU)
• One channel
• Master mode or slave mode can be selected
• Standard mode or bidirectional mode can be selected
• Full-duplex communication capability
• Consecutive serial communication capability
High-
function
communi-
cations
USB function
module
• The protocol block conforming to USB2.0 and transceiver
process USB protocol automatically.
• Transfer speed: Supports full-speed (12 Mbps)
• Power mode: Self power mode or bus power mode can be
selected
I/O ports
• Input-only pins: 18 (144-pin version), 17 (145-pin version)*2,
11 (120-pin version)
• Input/output pins: 96 (144-pin version or 145-pin version)*2,
83 (120-pin version)
• Pull-up resistor pins: 40
• Open-drain pins: 91
Package
• 144-pin QFP package (PLQP0144KA-A)
(code: FP-144LV, body size: 20
× 20 mm, pin pitch: 0.50 mm)
• 145-pin TLP package (PTLG0145JB-A)
(body size: 9
× 9 mm, pin pitch: 0.65 mm)
• 120-pin QFP package (PLQP0120LA-A)
(code: FP-120BV, body size: 14
× 14 mm, pin pitch: 0.40 mm)
• Pb-free package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com