công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 951 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 951 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 947Page - Renesas Technology Corp H8S/2454 Datasheet HTML 948Page - Renesas Technology Corp H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp H8S/2454 Datasheet HTML 950Page - Renesas Technology Corp H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp H8S/2454 Datasheet HTML 952Page - Renesas Technology Corp H8S/2454 Datasheet HTML 953Page - Renesas Technology Corp H8S/2454 Datasheet HTML 954Page - Renesas Technology Corp H8S/2454 Datasheet HTML 955Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 951 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 921 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
0
Reserved
These bits are always read as 0. The write value
should always be 0.
5
EP3 TRE
0
R/W
EP3 Transfer Request
4
EP3 TSE
0
R/W
EP3 Transmission Complete
3
EP2 TRE
0
R/W
EP2 Transfer Request
2
EP2
EMPTYE
0
R/W
EP2 FIFO Empty
1
EP2
ALLEMPE
0
R/W
EP2 FIFO All Empty
0
EP1 FULLE
0
R/W
EP1 FIFO Full
16.3.7
Interrupt Select Register 0 (ISR0)
ISR0 selects the vector numbers of the interrupt requests indicated in interrupt flag register 0
(IFR0). If the USB issues an interrupt request to the INTC when a bit in ISR0 is cleared to 0, the
interrupt corresponding to the bit will be USBINTN2. If the USB issues an interrupt request to the
INTC when a bit in ISR0 is set to 1, the corresponding interrupt will be USBINTN3.
Bit
Bit Name
Initial
Value
R/W
Description
7
BRSTS
0
R/W
Bus Reset
6
CFDNS
0
R/W
End Point Information Load End
5
0
Reserved
This bit is always read as 1. The write value should
always be 1.
4
SURSFS
0
R/W
Suspend/Resume Detection
3
SETCS
0
R/W
Set_Configuration Command Detection
2
SETIS
0
R/W
Set_Interface Command Detection
1
0
Reserved
This bit is always read as 1. The write value should
always be 1.
0
VBUSFS
1
R/W
USB Bus Connection/Disconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com