công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 950 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 950 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 946Page - Renesas Technology Corp H8S/2454 Datasheet HTML 947Page - Renesas Technology Corp H8S/2454 Datasheet HTML 948Page - Renesas Technology Corp H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp H8S/2454 Datasheet HTML 950Page - Renesas Technology Corp H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp H8S/2454 Datasheet HTML 952Page - Renesas Technology Corp H8S/2454 Datasheet HTML 953Page - Renesas Technology Corp H8S/2454 Datasheet HTML 954Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 950 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 920 of 1342
REJ09B0467-0100
16.3.5
Interrupt Enable Register 1 (IER1)
IER1 enables the interrupt requests of interrupt flag register 1 (IFR1). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 1
(ISR1).
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
0
0
0
Reserved
These bits are always read as 0. The write value
should always be 0.
4
SOFE
0
R/W
SOF Packet Detection
3
SETUP TSE
0
R/W
Setup Command Receive Complete
2
EP0o TSE
0
R/W
EP0o Receive Complete
1
EP0i TRE
0
R/W
EP0i Transfer Request
0
EP0i TSE
0
R/W
EP0i Transmission Complete
16.3.6
Interrupt Enable Register 2 (IER2)
IER2 enables the interrupt requests of interrupt flag register 2 (IFR2). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 2
(ISR2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com