công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 953 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 953 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp H8S/2454 Datasheet HTML 950Page - Renesas Technology Corp H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp H8S/2454 Datasheet HTML 952Page - Renesas Technology Corp H8S/2454 Datasheet HTML 953Page - Renesas Technology Corp H8S/2454 Datasheet HTML 954Page - Renesas Technology Corp H8S/2454 Datasheet HTML 955Page - Renesas Technology Corp H8S/2454 Datasheet HTML 956Page - Renesas Technology Corp H8S/2454 Datasheet HTML 957Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 923 of 1342
REJ09B0467-0100
16.3.9
Interrupt Select Register 2 (ISR2)
ISR2 selects the vector numbers of the interrupt requests indicated in interrupt flag register 2
(IFR2). If the USB issues an interrupt request to the INTC when a bit in ISR2 is cleared to 0, the
interrupt corresponding to the bit will be USBINTN2. If the USB issues an interrupt request to the
INTC when a bit in ISR2 is set to 1, the corresponding interrupt will be USBINTN3.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
0
Reserved
These bits are always read as 0. The write value
should always be 0.
5
EP3 TRS
0
R/W
EP3 Transfer Request
4
EP3 TSS
0
R/W
EP3 Transmission Complete
3
EP2 TRS
0
R/W
EP2 Transfer Request
2
EP2
EMPTYS
0
R/W
EP2 FIFO Empty
1
EP2
ALLEMPS
0
R/W
EP2 FIFO All Empty
0
EP1 FULLS 0
R/W
EP1 FIFO Full
16.3.10
EP0i Data Register (EPDR0i)
EPDR0i is a 16-byte transmit FIFO buffer for endpoint 0. EPDR0i holds one packet of transmit
data for control-in. Transmit data is fixed by writing one packet of data and setting EP0i PKTE in
trigger register 0. When an ACK handshake is returned from the host after the data has been
transmitted, EP0i TS in interrupt flag register 1 is set. This FIFO buffer can be initialized by
means of EP0i CLR in FCLR register 0.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined W
Data register for control-in transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com