công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 955 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 955 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp H8S/2454 Datasheet HTML 952Page - Renesas Technology Corp H8S/2454 Datasheet HTML 953Page - Renesas Technology Corp H8S/2454 Datasheet HTML 954Page - Renesas Technology Corp H8S/2454 Datasheet HTML 955Page - Renesas Technology Corp H8S/2454 Datasheet HTML 956Page - Renesas Technology Corp H8S/2454 Datasheet HTML 957Page - Renesas Technology Corp H8S/2454 Datasheet HTML 958Page - Renesas Technology Corp H8S/2454 Datasheet HTML 959Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 925 of 1342
REJ09B0467-0100
16.3.13
EP1 Data Register (EPDR1)
EPDR1 is a 128-byte receive FIFO buffer for endpoint 1. EPDR1 has a dual-buffer configuration,
and has a capacity of twice the maximum packet size. When one packet of data is received
successfully, EP1 FULL in interrupt flag register 2 is set, and the number of receive bytes is
indicated in the EP1 receive data size register. After the data has been read, the buffer that was
read is enabled to receive data again by writing 1 to the EP1 RDFN bit in trigger register 1. The
receive data in this FIFO buffer can be transferred by DMA. This FIFO buffer can be initialized
by means of EP1 CLR in FCLR register 1.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
All 0
R
Data register for endpoint 1 transfer
16.3.14
EP2 Data Register (EPDR2)
EPDR2 is a 128-byte transmit FIFO buffer for endpoint 2. EPDR2 has a dual-buffer configuration,
and has a capacity of twice the maximum packet size. When transmit data is written to this FIFO
buffer and EP2 PKTE in trigger register 1 is set, one packet of transmit data is fixed, and the dual-
FIFO buffer is switched over. The transmit data for this FIFO buffer can be transferred by DMA.
This FIFO buffer can be initialized by means of EP2 CLR in FCLR register 1.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined W
Data register for endpoint 2 transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com