công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 947 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 947 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 943Page - Renesas Technology Corp H8S/2454 Datasheet HTML 944Page - Renesas Technology Corp H8S/2454 Datasheet HTML 945Page - Renesas Technology Corp H8S/2454 Datasheet HTML 946Page - Renesas Technology Corp H8S/2454 Datasheet HTML 947Page - Renesas Technology Corp H8S/2454 Datasheet HTML 948Page - Renesas Technology Corp H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp H8S/2454 Datasheet HTML 950Page - Renesas Technology Corp H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 917 of 1342
REJ09B0467-0100
16.3.2
Interrupt Flag Register 1 (IFR1)
IFR1, together with interrupt flag registers 0 and 2 (IFR0 and IFR2), indicates interrupt status
information required by the application. When an interrupt source is generated, the corresponding
bit is set to 1. And then this bit, in combination with interrupt enable register 1 (IER1), generates
an interrupt request to the CPU. To clear, write 0 to the bit to be cleared and 1 to the other bits.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
—
—
0
0
0
—
—
—
Reserved
These bits are always read as 0. The write value
should always be 0.
4
SOF
0
R/W
SOF Packet Detection
This bit is set to 1 when the Start Of Frame (SOF)
packet is detected.
3
SETUP TS
0
R/W
Setup Command Receive Complete
This bit is set to 1 when endpoint 0 receives
successfully a setup command requiring decoding on
the application side, and returns an ACK handshake to
the host.
2
EP0o TS
0
R/W
EP0o Receive Complete
This bit is set to 1 when endpoint 0 receives data from
the host successfully, stores the data in the FIFO
buffer, and returns an ACK handshake to the host.
1
EP0i TR
0
R/W
EP0i Transfer Request
This bit is set if there is no valid transmit data in the
FIFO buffer when an IN token for endpoint 0 is
received from the host. A NAK handshake is returned
to the host until data is written to the FIFO buffer and
packet transmission is enabled.
0
EP0i TS
0
R/W
EP0i Transmit Complete
This bit is set when data is transmitted to the host from
endpoint 0 and an ACK handshake is returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com