công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 945 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 945 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 941Page - Renesas Technology Corp H8S/2454 Datasheet HTML 942Page - Renesas Technology Corp H8S/2454 Datasheet HTML 943Page - Renesas Technology Corp H8S/2454 Datasheet HTML 944Page - Renesas Technology Corp H8S/2454 Datasheet HTML 945Page - Renesas Technology Corp H8S/2454 Datasheet HTML 946Page - Renesas Technology Corp H8S/2454 Datasheet HTML 947Page - Renesas Technology Corp H8S/2454 Datasheet HTML 948Page - Renesas Technology Corp H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 945 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 915 of 1342
REJ09B0467-0100
16.3.1
Interrupt Flag Register 0 (IFR0)
IFR0, together with interrupt flag registers 1 and 2 (IFR1 and IFR2), indicates interrupt status
information required by the application. When an interrupt source is generated, the corresponding
bit is set to 1. And then this bit, in combination with interrupt enable register 0 (IER0), generates
an interrupt request to the CPU. To clear, write 0 to the bit to be cleared and 1 to the other bits.
However, since SURSS and VBUSMN are status bits, these bits cannot be cleared.
Bit
Bit Name
Initial
Value
R/W
Description
7
BRST
0
R/W
Bus Reset
This bit is set to 1 when a bus reset signal is detected on
the USB bus.
6
CFDN
0
R/W
End Point Information Load End
This bit is set to 1 when writing data in the endpoint
information register to the EPIR register ends (load end).
This module starts the USB operation after the endpoint
information is completely set.
5
SURSS
0
R
Suspend/Resume Status
This is a status bit that describes bus state.
0: Normal state
1: Suspended state
This is a status bit and cannot be cleared. It generates
no interrupt request.
4
SURSF
0
R/W
Suspend/Resume Detection
This bit is set to 1 when the state changed from normal
to suspended state or vice versa. The corresponding
interrupt output is RESUME, USBINTN2, and
USBINTN3.
3
SETC
0
R/W
Set_Configuration Command Detection
When the Set_Configuration command is detected, this
bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com