công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 948 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 948 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 944Page - Renesas Technology Corp H8S/2454 Datasheet HTML 945Page - Renesas Technology Corp H8S/2454 Datasheet HTML 946Page - Renesas Technology Corp H8S/2454 Datasheet HTML 947Page - Renesas Technology Corp H8S/2454 Datasheet HTML 948Page - Renesas Technology Corp H8S/2454 Datasheet HTML 949Page - Renesas Technology Corp H8S/2454 Datasheet HTML 950Page - Renesas Technology Corp H8S/2454 Datasheet HTML 951Page - Renesas Technology Corp H8S/2454 Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 918 of 1342
REJ09B0467-0100
16.3.3
Interrupt Flag Register 2 (IFR2)
IFR2, together with interrupt flag registers 0 and 1, (IFR0 and IFR1), indicates interrupt status
information required by the application. When an interrupt source is generated, the corresponding
bit is set to 1. And then this bit, in combination with interrupt enable register 2 (IER2), generates
an interrupt request to the CPU. To clear, write 0 to the bit to be cleared and 1 to the other bits.
However, since EP2 EMPTY, EP2 ALLEMP, and EP1 FULL are status bits, these bits cannot be
cleared.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
—
0
0
—
—
Reserved
These bits are always read as 0. The write value
should always be 0.
5
EP3 TR
0
R/W
EP3 Transfer Request
This bit is set if there is no valid transmit data in the
FIFO buffer when an IN token for endpoint 3 is
received from the host. A NAK handshake is returned
to the host until data is written to the FIFO buffer and
packet transmission is enabled.
4
EP3 TS
0
R/W
EP3 Transmit Complete
This bit is set when data is transmitted to the host from
endpoint 3 and an ACK handshake is returned.
3
EP2 TR
0
R/W
EP2 Transfer Request
This bit is set if there is no valid transmit data in the
FIFO buffer when an IN token for endpoint 2 is
received from the host. A NAK handshake is returned
to the host until data is written to the FIFO buffer and
packet transmission is enabled.
2
EP2 EMPTY 1
R
EP2 FIFO Empty
This bit is set when at least one of the dual endpoint 2
transmit FIFO buffers is ready for transmit data to be
written.
This is a status bit and cannot be cleared.
1
EP2
ALLEMP
1
R
EP2 FIFO All Empty
This bit is set when both of the dual endpoint 2 transmit
FIFO buffers are empty.
This is a status bit and cannot be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com