công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

301020013 bảng dữ liệu(PDF) 108 Page - ams-OSRAM AG

tên linh kiện 301020013
Giải thích chi tiết về linh kiện  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 bảng dữ liệu(HTML) 108 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 101Page - ams-OSRAM AG 301020013 Datasheet HTML 102Page - ams-OSRAM AG 301020013 Datasheet HTML 103Page - ams-OSRAM AG 301020013 Datasheet HTML 104Page - ams-OSRAM AG 301020013 Datasheet HTML 105Page - ams-OSRAM AG 301020013 Datasheet HTML 106Page - ams-OSRAM AG 301020013 Datasheet HTML 107Page - ams-OSRAM AG 301020013 Datasheet HTML 108Page - ams-OSRAM AG 301020013 Datasheet HTML 109Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 108 / 109 page
background image
Dragster
Revision information
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
108 / 109
/
14
Revision information
Document status
Product status
Definition
Product Preview
Pre-development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Other definitions
Draft / Preliminary:
The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice. ams-OSRAM
AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of a document and shall
have no liability for the consequences of use of such information.
Short datasheet:
A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For detailed
and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full datasheet shall
prevail.
Changes from previous released version to current revision v5-00
Page
Updated pixel timing
39 - 45
Updated Figure 23
40
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More