| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301020013 bảng dữ liệu(PDF) 96 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 bảng dữ liệu(HTML) 96 Page - ams-OSRAM AG |
|
96 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 96 / 109 / Pin number Pin name Pin type(1) 37 Not connected 38 Not connected 39 Not connected 40 Not connected 41 Not connected 42 Not connected 43 Not connected 44 Not connected 45 Not connected 46 VSSD GND 47 Bit_00_Tap_F1 DO 48 Bit_01_Tap_F1 DO 49 Bit_02_Tap_F1 DO 50 Bit_03_Tap_F1 DO 51 Bit_04_Tap_F1 DO 52 Bit_05_Tap_F1 DO 53 Bit_06_Tap_F1 DO 54 Bit_07_Tap_F1 DO 55 Bit_08_Tap_F1 DO 56 Bit_09_Tap_F1 DO 57 Bit_10_Tap_F1 DO 58 Bit_11_Tap_F1 DO 59 Not connected 60 VSSD GND 61 N_CS_EF_1 DI 62 MISO_EF_1 DO 63 Not connected 64 Not connected 65 VSSD GND 66 VSSD GND 67 VSSA GND 68 Load_Pulse_EF_1 DI 69 Not connected 70 End_ADC_EF_1 DO 71 Not connected 72 Not connected 73 Not connected 74 Not connected |