| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301020013 bảng dữ liệu(PDF) 78 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 bảng dữ liệu(HTML) 78 Page - ams-OSRAM AG |
|
78 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 78 / 109 / Pin number Pin name Pin type(1) 110 Bit_03_Tap_B2 DO 111 Bit_04_Tap_B2 DO 112 Bit_05_Tap_B2 DO 113 Bit_06_Tap_B2 DO 114 Bit_07_Tap_B2 DO 115 Bit_08_Tap_B2 DO 116 Bit_09_Tap_B2 DO 117 Bit_10_Tap_B2 DO 118 Bit_11_Tap_B2 DO 119 Bit_12_Tap_B2 DO 120 VSSESD/IO GND (1) Explanation of abbreviations: DI Digital Input DO Digital Output Information: SCLK and MOSI are connected between connector 1 and connector 3 in the headboard, resulting names are SCLK_AB_EF and MOSI_AB_EF. The user can provide the headboard one pair of this signals to connector 1 or 3 to communicate with the SPI, taking the advantage that two IO lines from the control unit (FPGA or CPLD) are saved. Each SPI can be selected individually by selecting respective negative chip select pin. |