| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301020013 bảng dữ liệu(PDF) 30 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 bảng dữ liệu(HTML) 30 Page - ams-OSRAM AG |
|
30 / 109 page ![]() Dragster Functional description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 30 / 109 / 7.4 Conversion cycle 7.4.1 General description The A/D conversion happens when END_ADC signal is at low state. As soon as sampling stage ends (falling edge of SAMPLE) the END_ADC signal leaves reset state and the sensor starts the A/D conversion. Each pixel features a multi stage ADC, which minimizes the offset and gain error between individual pixels and segments. The physical block diagram of the ADC and a description of the main functional modes, are given in Figure 13. For a high resolution, low noise ADC functionality, the ADC is made such that the critical analogue blocks can run at relatively low speed. |