| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301020013 bảng dữ liệu(PDF) 72 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 bảng dữ liệu(HTML) 72 Page - ams-OSRAM AG |
|
72 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 72 / 109 / Pin number Pin name Pin type(1) 37 Not connected 38 Not connected 39 Not connected 40 Not connected 41 Not connected 42 Not connected 43 Not connected 44 Not connected 45 Not connected 46 VSSESD/IO GND 47 Not connected 48 Not connected 49 Not connected 50 Not connected 51 Not connected 52 Not connected 53 Not connected 54 Not connected 55 Not connected 56 Not connected 57 Not connected 58 Not connected 59 Not connected 60 VSSESD/IO GND 61 N_CS_CD_1 DI 62 MISO_CD_1 DO 63 VDDA VDDA 64 VDDD VDDD 65 VSSA GND 66 VSS_Bulk GND 67 VSSD GND 68 Load_Pulse_CD_1 DI 69 VDDIO VDDIO 70 End_ADC_CD_1 DO 71 VDDA VDDA 72 VDD_Bulk VDD_Bulk 73 VDDD VDDD 74 VDDESD VDDESD |