công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 287 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 287 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 283Page - NEC MPD78CP14KB Datasheet HTML 284Page - NEC MPD78CP14KB Datasheet HTML 285Page - NEC MPD78CP14KB Datasheet HTML 286Page - NEC MPD78CP14KB Datasheet HTML 287Page - NEC MPD78CP14KB Datasheet HTML 288Page - NEC MPD78CP14KB Datasheet HTML 289Page - NEC MPD78CP14KB Datasheet HTML 290Page - NEC MPD78CP14KB Datasheet HTML 291Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
269
EQAX rpa
(Equal Memory addressed by Register Pair with A)
<1> Operation code
:
01110000
11111A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A–(rpa); Skip if zero.
Subtracts the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–,
HL–) specified by A2A1A0 (1 to 7) from the contents of the accumulator. Skips if the result of the subtraction
is zero (A=(rpa)).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
EQAX D; SKIP IF A = (DE)
A skip is performed when the contents of
A and the contents of the memory
addressed by the DE register pair are equal.
ONAX rpa
(On-Test Memory addressed by Register Pair with A)
<1> Operation code
:
01110000
11001A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A
(rpa); Skip if no zero.
Obtains the logical product of the contents of the accumulator and the contents of the memory addressed
by the register pair rpa (BC, DE, HL, DE+, HL+, DE–, HL–) specified by A2A1A0 (1 to 7), and skips if the logical
product is not zero.
<5> Flags affected
:
Z, SK, L1
← 0, L0 ← 0
OFFAX rpa
(Off-Test Memory addressed by Register Pair with A)
<1> Operation code
:
01110000
11011A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A
(rpa); Skip if zero.
Obtains the logical product of the contents of the accumulator and the contents of the memory addressed
by the register pair rpa (BC, DE, HL, DE+, HL+, DE–, HL–) specified by A2A1A0 (1 to 7), and skips if the logical
product is zero.
<5> Flags affected
:
Z, SK, L1
← 0, L0 ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com