công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 46 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 46 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 42Page - NEC MPD78CP14KB Datasheet HTML 43Page - NEC MPD78CP14KB Datasheet HTML 44Page - NEC MPD78CP14KB Datasheet HTML 45Page - NEC MPD78CP14KB Datasheet HTML 46Page - NEC MPD78CP14KB Datasheet HTML 47Page - NEC MPD78CP14KB Datasheet HTML 48Page - NEC MPD78CP14KB Datasheet HTML 49Page - NEC MPD78CP14KB Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 373 page
background image
CHAPTER 2
PIN FUNCTIONS
28
2.1.9 MODE0, MODE1 (Mode) ... Input/output
µPD78C18/78C14/78C14A/78C12A/78C11A
The MODE0 pin is set to "0" (low level) and the MODE1 pin is set to "1" (high level) via a pull-up resistor. The
pull-up resistor R is 4 [k
Ω] ≤ R ≤ 0.4 tCYC [kΩ] (tCYC unit is ns).
When the MODE0 pin is set to "0" (low level) and the MODE1 pin is not "1" (high level), on-chip ROM is not accessed
and these pins are functioned in the same way as those of the
µPD78C17/78C10A.
µPD78C17/78C10A
The size of the externally installed memory can be selected as 4K bytes, 16K bytes, or 63K/64K bytes according
to the settings of the MODE0 and MODE1 pins.
Table 2-4. MODE0 and MODE1 Functions (
µPD78C17/78C10A)
MODE1
MODE0
External Address Space
0
0
4K bytes (addresses 0000H to 0FFFH)
0
1Note 1
16K bytes (addresses 0000H to 3FFFH)
1
0
Setting prohibited
1Note 1
1Note 1
63K bytes (addresses 0000H to FBFFH)/ Note 2
64K bytes (addresses 0000H to FEFFH)
Notes 1. Pull-up resistor required.
The pull-up resistor R is 4 [k
Ω] ≤ R ≤ 0.4 tCYC [kΩ] (tCYC unit is ns).
2. 63K (
µPD78C17), 64K (µPD78C10A).
When the MODE0 and MODE1 pins are pulled high up to "1", a control signal is output in synchronization with
ALE.
The MODE0 and MODE1 input signals are sampled periodically and the mode is set.
Caution The
µPD78CP18 and 78CP14 use the MODE0 pin for input and the MODE1 pin for input/output.
2.1.10 NMI (Non maskable interrupt) ... Input
The edge-triggered (falling edge) non maskable interrupt input.
2.1.11 INT1 (Interrupt request) ... Input
The edge-triggered (rising edge) maskable interrupt input. Can also be used as the AC input zero-cross detection
pin.
2.1.12 AN7 to AN0 (Analog input) ... Input
The 8 analog inputs to the A/D converter. AN7 to AN4 can also be used as input pins for falling edge detection;
when a falling edge is detected, the test flag is set (1).
2.1.13 VAREF (Reference voltage) ... Input
The A/D converter reference voltage input pin. Also used as the A/D converter operation control pin.
2.1.14 AVDD (Analog VDD)
The A/D converter power supply supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com