công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 44 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 44 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 40Page - NEC MPD78CP14KB Datasheet HTML 41Page - NEC MPD78CP14KB Datasheet HTML 42Page - NEC MPD78CP14KB Datasheet HTML 43Page - NEC MPD78CP14KB Datasheet HTML 44Page - NEC MPD78CP14KB Datasheet HTML 45Page - NEC MPD78CP14KB Datasheet HTML 46Page - NEC MPD78CP14KB Datasheet HTML 47Page - NEC MPD78CP14KB Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 373 page
background image
CHAPTER 2
PIN FUNCTIONS
26
2.1.5 PF7 to PF0 (Port F) ... 3-state input/output
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14
These are the 8-bit input/output pins of port F (8-bit input/output port with output latch), but in addition to
functioning as an input/output port, they also function as address outputs (AB15 to AB8) for accessing externally
expanded memory.
Pins PF7 to PF0 can be specified as shown below by setting the memory mapping register.
(1) Port mode
As port F input/output pins, PF7 to PF0 can be specified bit-wise as input or output by means of the mode
F register.
(2) Expansion mode
When an external device is expanded in addition to on-chip memory, PF7 to PF0 are used as an address bus
(AB15 to AB8) corresponding to the size of the external device, as shown in Table 2-2. When an instruction
which references an external device is executed, the upper address information for the external device is
output in the external device reference machine cycle of that instruction.
Caution Pins PF7 to PF0 set as an address bus have output to them the contents of the internal
address bus as they are in all machine cycles.
Pins not specified as address output pins are in port mode.
Caution Emulation cannot be performed by an emulator for a program which varies the port F
operating mode dynamically. Therefore, once the mode has been set, it should not be
changed to a different mode.
Table 2-2. Operation of PF7 to PF0 (
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14)
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
External Address Space
Port
Port
Port
Port
Port
Port
Port
Port
Up to 256 bytes
Port
Port
Port
Port
AB11
AB10
AB9
AB8
Up to 4K bytes
Port
Port
AB13
AB12
AB11
AB10
AB9
AB8
Up to 16K bytes
AB15
AB14
AB13
AB12
AB11
AB10
AB9
AB8
Up to 31K/48K/56K/60K bytesNote
Note 31K(
µPD78C18), 48K (µPD78C14/78C14A), 56K (µPD78C12A), 60K (µPD78C11A)
The operation of the
µPD78CP18 and 78CP14 differ depending on the setting of bits MM5 to MM7 of the
memory mapping register.
In the reset state (RESET input=low) or in the hardware STOP mode (STOP input=low), pins PF7 to PF0 become
high-impedance. When the RESET input or STOP input subsequently returns to the high level, they are set as address
bus or port according to the status of the MODE1 and MODE0 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com