công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 9 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 9 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 5Page - NEC MPD78CP14KB Datasheet HTML 6Page - NEC MPD78CP14KB Datasheet HTML 7Page - NEC MPD78CP14KB Datasheet HTML 8Page - NEC MPD78CP14KB Datasheet HTML 9Page - NEC MPD78CP14KB Datasheet HTML 10Page - NEC MPD78CP14KB Datasheet HTML 11Page - NEC MPD78CP14KB Datasheet HTML 12Page - NEC MPD78CP14KB Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 373 page
background image
– ii –
2.2.4
OE (Output enable) ... .........................................................................................................
30
2.2.5
MODE1, MODE0 (Mode) ....................................................................................................
30
2.2.6
RESET (Reset) .....................................................................................................................
30
2.2.7
VPP ........................................................................................................................................
30
2.2.8
VDD ........................................................................................................................................
30
2.2.9
VSS ........................................................................................................................................
30
2.3
Pin Input/Output Circuits ................................................................................................
31
2.4
Pin Mask Options (
µPD78C18/78C14A/78C12A/78C11A Only) .................................
37
2.5
Processing of Unused Pins .............................................................................................
37
CHAPTER 3 INTERNAL BLOCK FUNCTIONS ...............................................................................
39
3.1
Registers ............................................................................................................................
39
3.2
Mode Registers .................................................................................................................
41
3.3
Arithmetic Logical Unit (ALU) ........................................................................................
42
3.4
Program Status Word (PSW) ..........................................................................................
42
3.5
Memory ..............................................................................................................................
44
3.5.1
µPD78C18/78C17/78C14/78C14A/78C12A/78C11A/78C10A memory configuration ......
44
3.5.2
µPD78CP18/78CP14 memory configuration ......................................................................
52
3.6
Timers ................................................................................................................................57
3.7
Timer/Event Counter .......................................................................................................
57
3.8
Serial Interface ..................................................................................................................
57
3.9
Analog/Digital Converter ................................................................................................
57
3.10 Interrupt Control ..............................................................................................................
57
3.11 Zero-Cross Detector .........................................................................................................
58
CHAPTER 4 PORT FUNCTIONS .....................................................................................................
61
4.1
Port A (PA7 to PA0) .........................................................................................................
61
4.2
Port B (PB7 to PB0) ..........................................................................................................
65
4.3
Port C (PC7 to PC0) ..........................................................................................................
66
4.4
Port D (PD7 to PD0) .........................................................................................................
70
4.5
Port F (PF7 to PF0) ...........................................................................................................
71
4.6
Operation of Arithmetic and Logical Operation Instruction Involving a Port and
Immediate Data ................................................................................................................
73
CHAPTER 5 TIMER FUNCTIONS ....................................................................................................
75
5.1
Timer Configuration .........................................................................................................
75
5.2
Timer Mode Register (TMM) ..........................................................................................
77
5.3
Timer Operations .............................................................................................................
79
CHAPTER 6 TIMER/EVENT COUNTER FUNCTIONS ...................................................................
81
6.1
Timer/Event Counter Configuration ..............................................................................
81
6.2
Mode Registers .................................................................................................................
85
6.2.1
Timer/event counter mode register (ETMM) .....................................................................
85
6.2.2
Timer/event counter output mode register (EOM) ............................................................
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com