công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 12 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 12 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 8Page - NEC MPD78CP14KB Datasheet HTML 9Page - NEC MPD78CP14KB Datasheet HTML 10Page - NEC MPD78CP14KB Datasheet HTML 11Page - NEC MPD78CP14KB Datasheet HTML 12Page - NEC MPD78CP14KB Datasheet HTML 13Page - NEC MPD78CP14KB Datasheet HTML 14Page - NEC MPD78CP14KB Datasheet HTML 15Page - NEC MPD78CP14KB Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 373 page
background image
– v –
14.5
Number of States Required for Skipping ...................................................................
232
14.6
Instruction Descriptions ................................................................................................
233
14.6.1
8-bit data transfer instructions .........................................................................................
233
14.6.2
16-bit data transfer instructions .......................................................................................
242
14.6.3
8-bit operation instructions (Register) .............................................................................
252
14.6.4
8-bit operation instructions (Memory) .............................................................................
263
14.6.5
Immediate data operation instructions ............................................................................
270
14.6.6
Working register operation instructions ..........................................................................
285
14.6.7
16-bit operation instructions ............................................................................................
294
14.6.8
Multiplication/division instructions ...................................................................................
300
14.6.9
Increment/decrement instructions ...................................................................................
301
14.6.10 Other operation instructions ............................................................................................
304
14.6.11 Rotation/shift instructions ................................................................................................
306
14.6.12 Jump instructions .............................................................................................................
313
14.6.13 Call instructions ................................................................................................................
316
14.6.14 Return instructions ...........................................................................................................
319
14.6.15 Skip instructions ...............................................................................................................
321
14.6.16 CPU control instructions ...................................................................................................
323
14.7
Stacked Instructions ......................................................................................................
326
CHAPTER 15 OPERATING PRECAUTIONS ...................................................................................
327
15.1
RAE Bit Setting ...............................................................................................................
327
15.2
Port D/F Setting .............................................................................................................
328
15.3
Timer, Timer/Event Counter Compare Register Setting .........................................
328
15.4
Restrictions on Serial Interface and Asynchronous Modes ....................................
329
15.5
Serial Interface Start Bit Input .....................................................................................
330
15.6
Serial Interface and Transmission Format Change ..................................................
330
15.7
Input Voltage to Analog Input Pin ..............................................................................
330
15.8
Limitations on Hardware STOP Mode ........................................................................
332
15.9
How to Use Standby Flag .............................................................................................
335
15.10 Bus Interface ...................................................................................................................
335
15.11 Restrictions on IE-78C11-M Operation........................................................................
336
15.12 Electrostatic Withstand Limit of VPP Pin ....................................................................
336
APPENDIX A INTROCUTION TO PIGGYBACK PRODUCT ..........................................................
337
A.1
Pin Functions ..................................................................................................................
340
A.1.1
Lower pins (
µPD78C11A/78C12A/78C14 QUIP type compatible) .................................
340
A.1.2
Upper pins (27C256/27C256A compatible) .....................................................................
342
A.2
Memory Configuration ..................................................................................................
342
A.3
Memory Mapping Register (MM) ................................................................................
346
A.4
Interface with EPROM ...................................................................................................
348
APPENDIX B DEVELOPMENT TOOLS...........................................................................................
349
APPENDIX C INDEX OF INSTRUCTIONS (ALPHABETICAL ORDER) ........................................
353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com