công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 97 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 97 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 93Page - NEC MPD78CP14KB Datasheet HTML 94Page - NEC MPD78CP14KB Datasheet HTML 95Page - NEC MPD78CP14KB Datasheet HTML 96Page - NEC MPD78CP14KB Datasheet HTML 97Page - NEC MPD78CP14KB Datasheet HTML 98Page - NEC MPD78CP14KB Datasheet HTML 99Page - NEC MPD78CP14KB Datasheet HTML 100Page - NEC MPD78CP14KB Datasheet HTML 101Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 373 page
background image
CHAPTER 5
TIMER FUNCTIONS
79
5.3 Timer Operations
Interval timer operation is performed for the two timers using the following input clocks according to the
specification of the timer mode register (TMM).
(1) Internal clock (
φ12)
When the internal clock (
φ12) is specified as the upcounter input clock, the timer operates as an interval timer
with an interval from 1
µs to 256 µs (at 12 MHz operation) with a 1 resolution of 1 µs.
(2) Internal clock (
φ384)
When the internal clock (
φ384) is specified as the upcounter input clock, an interval time from 32 µs to 8.192
ms can be selected (at 12 MHz operation) with a resolution of 32
µs.
(3) External pulse (TI)
When an external pulse (TI input) is specified as the upcounter input clock, the timer operates as an interval
timer of any desired resolution. Also, when the upcounter counts external pulses up to the value set in timer
REG0/1 (TM0/TM1), it can also be used as an event counter which generates internal timer interrupts (INTT0/
INTT1). However, it is not possible to read the count data (the upcounter contents) during the count.
To prevent errors due to noise signals in the TI pin, sampling is performed by a sampling pulse with a 1-state
(250 ns: 12 MHz) cycle. Thus an input signal of less than 1 state is eliminated, and a high level or low level
duration of 2 states or more is necessary for a signal to be acknowledged as a TI pin input signal.
The upcounter count operation is performed by falling edge input on the TI pin.
(4) TIMER0 output (can only be specified for TIMER1)
This can only be specified for TIMER1. The timer operates as a 16-bit interval timer which counts TIMER0
match signals as the TIMER1 upcounter input. An interval from 1
µs to 65.536 ms or from 32 µs to 2.1 s
can be selected (at 12 MHz operation).
Since both TIMER0 and TIMER1 perform the same operation, TIMER0 operation is described here.
Interval timer operation is started by setting the count value in timer REG0 and writing the necessary data to the
timer mode register. The upcounter counts up every input clock cycle, while the comparator constantly compares
the contents of the counting upcounter and the contents of timer REG0, and generates an internal interrupt (INTT0)
if they match. When a match occurs, the upcounter is cleared and the count-up starts again from 00H. Thus TIMER0
functions as an interval timer which generates repeated interrupt requests using the value set in timer REG0 as the
interval. When timer REG0 is set, an interrupt is generated on the 256th count.
Cautions 1. When data is written to timer REG0, output of the comparator match signal is disabled, and
therefore INTT0 is not generated.
2. After RESET input, the contents of TM0 are undefined.
Ensure that TM0 initialization is performed by the program before the timer is started.
When the TIMER0 match signal is selected as the timer F/F input and the upcounter contents and the timer REG0
contents match, the timer F/F contents are inverted and a square wave can be output from the TO pin. The pulse
width of the square wave output to the TO pin is determined by the count value set in timer REG0. If 0 is set, the
timer F/F contents are inverted and INTT0 is generated by the comparator match signal generated every 256 counts.
The INTT0 timer interrupt is disabled by setting MKT0 (bit 1 of the interrupt mask register MKL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com