công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 100 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 100 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 96Page - NEC MPD78CP14KB Datasheet HTML 97Page - NEC MPD78CP14KB Datasheet HTML 98Page - NEC MPD78CP14KB Datasheet HTML 99Page - NEC MPD78CP14KB Datasheet HTML 100Page - NEC MPD78CP14KB Datasheet HTML 101Page - NEC MPD78CP14KB Datasheet HTML 102Page - NEC MPD78CP14KB Datasheet HTML 103Page - NEC MPD78CP14KB Datasheet HTML 104Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
82
(1) Timer/event counter upcounter (ECNT)
ECNT is a 16-bit upcounter which counts input pulses, and is cleared by the clear control circuit.
The OV flag is set if overflow occurs. The OV flag can be tested by the SKIT instruction (see 9.1 (6) Test
flag register).
(2) Timer/event counter capture register (ECPT)
The ECPT register is a 16-bit buffer register which holds the ECNT contents. The timing for latching of the
ECNT contents by the ECPT register is as follows according to the input to the ECNT.
The ECPT register latches the ECNT contents on the fall of the CI input when the input to ECNT is (5) (i) Internal
clock (
φ12), or (ii) Internal clock while CI input is high, and on the fall of TO when the input to ECNT is (iii) CI
input or (iv) CI input while TO output is high.
Table 6-1. Timing for Latching in ECPT
ETMM
ET1
ET0
0
0
Internal clock (
φ12)
CI input falling edge
0
1
φ12 while CI is high
1
0
CI inputNote 1
TO falling edgeNote 2
1
1
CI input while TO is highNote 1
Notes 1.
Falling edge input
2.
The TO signal cannot be used when timer F/F input is used as internal clock
φ3 (see Figure
5-1. Timer Block Diagram).
(3) Timer/event counter REG0/1 (ETM0/ETM1)
These are two 16-bit registers used to set the count value.
Cautions 1. When 0 is set, a match signal (CP0/CP1) is generated from the comparator every count
of 65536 (10000H).
2. When data is written to ETM0/ETM1, output of the comparator match outputs (CP0/CP1)
are disabled, and therefore INTE0/INTE1 are not generated.
(4) Comparator
The comparator compares the contents of ECNT and ETM0/ETM1, and if a match is detected, outputs a
coincidence signal (CP0/CP1)
ECNT Input
ECNT Latch Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com