công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 101 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 101 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 97Page - NEC MPD78CP14KB Datasheet HTML 98Page - NEC MPD78CP14KB Datasheet HTML 99Page - NEC MPD78CP14KB Datasheet HTML 100Page - NEC MPD78CP14KB Datasheet HTML 101Page - NEC MPD78CP14KB Datasheet HTML 102Page - NEC MPD78CP14KB Datasheet HTML 103Page - NEC MPD78CP14KB Datasheet HTML 104Page - NEC MPD78CP14KB Datasheet HTML 105Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
83
(5) Input control circuit
This circuit controls input to ECNT. The input to ECNT is determined as follows according to the specification
of the timer/event counter mode register (ETMM).
(i)
Internal clock (
φ12)
(ii)
Internal clock while CI input is high
(iii)
CI input
(iv) CI input while TO output is high
To prevent errors due to noise signals in the CI pin, sampling is performed by a sampling pulse with
φ3 cycle
(250 ns at 12 MHz operation). Thus an input signal of less than 1 state (250 ns at 12 MHz operation) is
eliminated, and a high level or low level duration of 2 states (500 ns at 12 MHz operation) or more is necessary
for a signal to be acknowledged as a CI pin input signal.
Caution
In CI pin edge detection, noise elimination is performed by the internal sampling clock (
φ3)
Table 6-2. ECNT Inputs
ETMM
ET1
ET0
0
0
Internal clock (
φ12)
0
1
φ12 while CI input is high
1
0
CI inputNote
1
1
CI input while TO is highNote
Note
Falling edge input
(6) Clear control circuit
This circuit clears ECNT as follows according to the specification of the timer/event counter mode register
(ETMM).
(i)
Remains cleared
(ii)
Not cleared
(iii)
Match of ECNT and ETM1
(iv) CI input falling edge or TO falling edge
In case (iv), the operation is as shown in Table 6-3 according to the ECNT input.
ECNT Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com