công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 91 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 91 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 87Page - NEC MPD78CP14KB Datasheet HTML 88Page - NEC MPD78CP14KB Datasheet HTML 89Page - NEC MPD78CP14KB Datasheet HTML 90Page - NEC MPD78CP14KB Datasheet HTML 91Page - NEC MPD78CP14KB Datasheet HTML 92Page - NEC MPD78CP14KB Datasheet HTML 93Page - NEC MPD78CP14KB Datasheet HTML 94Page - NEC MPD78CP14KB Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
73
4.6 Operation of Arithmetic and Logical Operation Instruction Involving a Port and Immediate Data
With the following instructions which perform arithmetic and logical operations involving a port and immediate
data, the operation differs depending on the input/output setting of the port.
Table 4-4. Operation of Arithmetic/Logical Operation Instructions Involving a Port
Mnemonic
Operand
Instruction
ACI, ADI, ADINC
sr2, byte
Arithmetic operation
SBI, SUI, SUINB
ANI, ORI, XRI
Logical operation
GTI, LTI
Comparison
EQI, NEI
Match detection
OFFI, ONI
Test
Instruction operations are as follows:
(1) The port status is input.
Output mode pin:
Output latch status is input.
Input mode pin:
Pin external status is input.
(2) The arithmetic/logical operation is performed on the input data and immediate data.
(3) The entire 8-bit operation result data is transferred to the port output latch.
For input mode pins, the result of the operation with the pin external status is transferred to the output latch.
Caution (3) applies only to the arithmetic operations and logical operations in Table 4-4.
Port output latch initialization should be performed by a transfer instruction (MOV, MVI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com