công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 86 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 86 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 82Page - NEC MPD78CP14KB Datasheet HTML 83Page - NEC MPD78CP14KB Datasheet HTML 84Page - NEC MPD78CP14KB Datasheet HTML 85Page - NEC MPD78CP14KB Datasheet HTML 86Page - NEC MPD78CP14KB Datasheet HTML 87Page - NEC MPD78CP14KB Datasheet HTML 88Page - NEC MPD78CP14KB Datasheet HTML 89Page - NEC MPD78CP14KB Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
68
Figure 4-8. Port C Specified as Control Signal Output
(b) When PCn is control signal input
When MCn=1, the status of the PCn pin control signal can be read into an accumulator by a port C read
instruction or tested by a port C test instruction.
Figure 4-9. Port C Specified as Control Signal Input
Cautions 1. When MCC3 is rewritten, INTF2 may be set. After rewriting, INTF2 should be reset by the SKIT
instruction.
2. When TO (PC4), CO0 (PC6) and CO1 (PC7) are used as active-low signal outputs, the following
manipulation is required.
Since port C is entirely set as an input port (high-impedance) in its initial status after a reset,
TO, CO0 and CO1 used as active-low pin have to be raised to the high level with a pull-up
resistor to make them inactive. Also, before switching to the control signal output mode by
means of the mode control C register, "1" must be written to the port C output latch to make
the port C output level and output latch contents equal. Port C is then switched to the control
signal output mode by means of the mode control C register.
RDP
PCn (Control signal output)
MCn = 1
MCn = 0
Control
signal
Internal
bus
PCn (Control signal output)
RDP
MCn = 1
Control
signal
Internal
bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com