| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 83 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 83 Page - NEC |
|
83 / 373 page ![]() CHAPTER 4 PORT FUNCTIONS 65 4.2 Port B (PB7 to PB0) Like port A, port B is an 8-bit input/output port with input/output buffer and output latch functions (see Figure 4-1). Port B can be set as an input or output port bit wise using the mode B register (MB). When set to input, the pins become high-impedance. When the corresponding bit of the mode B register is set (1), a port B pin functions as an input port pin, and when reset (0), as an output port pin (see Figure 4-5). When RESET is input or the hardware STOP mode is set all bits of the mode B register are set and port B functions as an input port (high-impedance). In the µPD78C18/78C14A/78C12A/78C11A, pull-up resistors can be incorporated bit-wise. Figure 4-5. Mode B Register Format 7 MB7 6 MB6 5 MB5 4 MB4 3 MB3 2 MB2 1 MB1 0 MB0 MB 7 PB7 6 PB6 5 PB5 4 PB4 3 PB3 2 PB2 1 PB1 0 PB0 PB 0 1 PBn = Output port PBn = Input port (n = 0 – 7) As with port A, direct bit setting/resetting of port B output latch contents is possible by an arithmetic or logical operation instruction without the use of an accumulator. Data transfer to/from an accumulator is also possible. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |