| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 290 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 290 Page - NEC |
|
290 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 272 ADINC A, byte (Add Immediate to A. Skip if No Carry) <1> Operation code : 00100110 Data <2> Number of bytes : 2 <3> Number of states : 7 (7) <4> Function : A ← A+byte; Skip if no carry. Adds the immediate data in the 2nd byte to the contents of the accumulator, and stores the result in the accumulator. Skips if no carry is generated as a result of the addition. <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY <6> Example : ADINC A, 0A3H; A ← A+0A3H ADINC r, byte (Add Immediate to Register. Skip if No Carry) <1> Operation code : 01110100 00100R2 R1 R0 Data <2> Number of bytes : 3 <3> Number of states : 11 (11) <4> Function : r ← r+byte; Skip if no carry. Adds the immediate data in the 3rd byte to the contents of the register r (V, A, B, C, D, E, H, L) specified by R2R1R0 (0 to 7), and stores the result in the specified register. Skips if no carry is generated as a result of the addition. <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY <6> Example : To add immediate data to the HL register pair: ADINC L, IMM ; L ← L+IMM, SKIP IF NO CARRY ADI H, 01H ; H ← H+1 ADINC sr2, byte (Add Immediate with Special Register. Skip if No Carry) <1> Operation code : 01100100 S3 0100S2 S1 S0 Data <2> Number of bytes : 3 <3> Number of states : 20 (11) <4> Function : sr2 ← sr2+byte; Skip if no carry. Adds the immediate data in the 3rd byte to the contents of the special register sr2 (PA, PB, PC, PD, PF, MKH, MKL, ANM, SMH, EOM, TMM) specified by S3S2S1S0 (0 to 3, 5 to 9, B, D), and stores the result in the specified special register. Skips if no carry is generated as a result of the addition. <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |