công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 286 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 286 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 282Page - NEC MPD78CP14KB Datasheet HTML 283Page - NEC MPD78CP14KB Datasheet HTML 284Page - NEC MPD78CP14KB Datasheet HTML 285Page - NEC MPD78CP14KB Datasheet HTML 286Page - NEC MPD78CP14KB Datasheet HTML 287Page - NEC MPD78CP14KB Datasheet HTML 288Page - NEC MPD78CP14KB Datasheet HTML 289Page - NEC MPD78CP14KB Datasheet HTML 290Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
268
LTAX rpa
(Less Than Memory addressed by Register Pair)
<1> Operation code
:
01110000
10111A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A–(rpa); Skip if borrow.
Subtracts the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–,
HL–) specified by A2A1A0 (1 to 7) from the contents of the accumulator. Skips if a borrow is generated as
a result of the subtraction (A<(rpa)).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
LXI
D, 4000H
; DE
← 4000H
LXI
H, 1100H
; HL
← 4100H
LDAX
D
; A
← (4000H)
LTAX
H
; A – (HL)
LDAX
H
; A – (HL)
JMP
KORED
In this example, since the contents of A (contents of address 4000H = 20H) are less
than the memory contents addressed by the HL register pair (contents of address
4100H = 30H), the LDAX instruction is skipped and the JMP instruction is executed.
The CY, SK and HC flags are set as a result of this subtraction.
NEAX rpa
(Not Equal Memory addressed by Register Pair with A)
<1> Operation code
:
01110000
11101A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A
← (rpa); Skip if no zero.
Subtracts the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–,
HL–) specified by A2A1A0 (1 to 7) from the contents of the accumulator. Skips if the result of the subtraction
is no zero (A
≠(rpa)).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
NEAX B; SKIP IF A
≠ (BC)
4000H
20H
Memory
30H
4100H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com