| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 284 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 284 Page - NEC |
|
284 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 266 ANAX rpa (And Memory addressed by Register Pair with A) <1> Operation code : 01110000 10001A2 A1 A0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : A ← A (rpa) Obtains the logical product of the contents of the accumulator and the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–, HL–) specified by A2A1A0 (1 to 7), and stores the result in the accumulator. <5> Flags affected : Z, SK ← 0, L1 ← 0, L0 ← 0 <6> Example : ANA H–; A ← A (HL), HL ← HL–1 This example obtains the logical product of A and the memory contents addressed by the HL register pair and stores the result in A, and then decrements HL. ORAX rpa (Or Memory addressed by Register Pair with A) <1> Operation code : 01110000 10011A2 A1 A0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : A ← A (rpa) Obtains the logical sum of the contents of the accumulator and the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–, HL–) specified by A2A1A0 (1 to 7), and stores the result in the accumulator. <5> Flags affected : Z, SK ← 0, L1 ← 0, L0 ← 0 <6> Example : ORAX D; A ← A (DE) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |