công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 285 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 285 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 281Page - NEC MPD78CP14KB Datasheet HTML 282Page - NEC MPD78CP14KB Datasheet HTML 283Page - NEC MPD78CP14KB Datasheet HTML 284Page - NEC MPD78CP14KB Datasheet HTML 285Page - NEC MPD78CP14KB Datasheet HTML 286Page - NEC MPD78CP14KB Datasheet HTML 287Page - NEC MPD78CP14KB Datasheet HTML 288Page - NEC MPD78CP14KB Datasheet HTML 289Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
267
XRAX rpa
(Exclusive-Or Memory addressed by Register Pair with A)
<1> Operation code
:
01110000
10010A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A
← A (rpa)
Obtains the exculsive logical sum of the contents of the accumulator and the contents of the memory
addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–, HL–) specified by A2A1A0 (1 to 7), and stores
the result in the accumulator.
<5> Flags affected
:
Z, SK
← 0, L1 ← 0, L0 ← 0
<6> Example
:
LXI
H, 4000H
; HL
← 4000H
MVI
A, 0A8H
; A
← A8H
XRAX H
; A
← A (HL)
SK
Z
; SKIP IF ZERO
STAX D
; (DE)
← A
JMP
KORED
10101000
A8H
10101000
A8H
↓
00000000
00H
In this example, since the contents of A and the contents of address 4000H are the
same, the exclusive logical sum is 0, and the Z flag is set. Thus the STAX instruction
is skipped by the following SK Z instruction, and the JMP instruction is executed.
GTAX rpa
(Greater Than Memory addressed by Register Pair)
<1> Operation code
:
01110000
10101A2
A1
A0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
A–(rpa)–1; Skip if no borrow.
Subtracts the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–,
HL–) specified by A2A1A0 (1 to 7) and 1 from the contents of the accumulator. Skips if no borrow is generated
as a result of the subtraction (A>(rpa)).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
GTAX D; A–(DE)–1
A skip is performed if A is greater than the contents of the memory addressed by the
DE register pair.
4000H
A8H
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com