| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 281 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 281 Page - NEC |
|
281 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 263 14.6.4 8-bit operation instructions (Memory) ADDX rpa (Add Memory addressed by Register Pair to A) <1> Operation code : 01110000 11000A2 A1 A0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : A ← A + (rpa) Adds the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+ DE–, HL–) specified by A2A1A0 (1 to 7) to the contents of the accumulator, and stores the result in the accumulator. <5> Flags affected : Z, SK ← 0, HC, L1 ← 0, L0 ← 0, CY <6> Example : MOV A, 4000H ; A ← (4000H) LXI H, 4200H ; HL ← 4200H ADDX H ; A ← A+(HL) This example adds together the contents of address 4000H and address 4200H. ADCX rpa (Add Memory addressed by Register Pair to A with Carry) <1> Operation code : 01110000 11010A2 A1 A0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : A ← A+(rpa)+CY Adds the contents of the memory addressed by the register pair rpa (BC, DE, HL, DE+, HL+, DE–, HL–) specified by A2A1A0 (1 to 7) to the contents of the accumulator including the CY flag, and stores the result in the accumulator. <5> Flags affected : Z, SK ← 0, HC, L1 ← 0, L0 ← 0, CY <6> Example : ADCX D+; A ← A + (DE) + CY, DE ← DE + 1 This example adds the contents of the memory addressed by the DE register pair to A and stores the result in A, and then increments DE. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |