công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 293 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 293 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 289Page - NEC MPD78CP14KB Datasheet HTML 290Page - NEC MPD78CP14KB Datasheet HTML 291Page - NEC MPD78CP14KB Datasheet HTML 292Page - NEC MPD78CP14KB Datasheet HTML 293Page - NEC MPD78CP14KB Datasheet HTML 294Page - NEC MPD78CP14KB Datasheet HTML 295Page - NEC MPD78CP14KB Datasheet HTML 296Page - NEC MPD78CP14KB Datasheet HTML 297Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
275
SUINB A, byte
(Subtract Immediate from A. Skip if No Borrow)
<1> Operation code
:
00110110
Data
<2> Number of bytes :
2
<3> Number of states :
7 (7)
<4> Function
:
A
← A–byte; Skip if no borrow.
Subtracts the immediate data in the 2nd byte from the contents of the accumulator, and stores the result
in the accumulator. Skips if no borrow is generated as a result of the subtraction.
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
SUINB r, byte
(Subtract Immediate from Register. Skip if No Borrow)
<1> Operation code
:
01110100
00110R2
R1
R0
Data
<2> Number of bytes :
3
<3> Number of states :
11 (11)
<4> Function
:
r
← r–byte; Skip if no borrow.
Subtracts the immediate data in the 3rd byte from the contents of the register r (V, A, B, C, D, E, H, L) specified
by R2R1R0 (0 to 7), and stores the result in the specified register. Skips if no borrow is generated as a result
of the subtraction.
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
To subtract immediate data from the HL register pair:
SUINB
L,
IMM
; L
← L – IMM, SKIP IF NO BORROW.
SUI
H,
01H
; H
← H–1
SUINB sr2, byte
(Subtract Immediate from Special Register. Skip if No Borrow)
<1> Operation code
:
01100100
S3
0110S2
S1
S0
Data
<2> Number of bytes :
3
<3> Number of states :
20 (11)
<4> Function
:
sr2
← sr2–byte; Skip if no borrow.
Subtracts the immediate data in the 3rd byte from the contents of the special register sr2 (PA, PB, PC, PD,
PF, MKH, MKL, ANM, SMH, EOM, TMM) specified by S3S2S1S0 (0 to 3, 5 to 9, B, D), and stores the result
in the specified special register. Skips if no borrow is generated as a result of the subtraction.
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
GENSU EQU 10H
SUINB PA, GENSU; PA
← PA–10H
This example subtracts GENSU defined by EQU from the contents of port A, and
stores the result in port A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com