| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 297 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 297 Page - NEC |
|
297 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 279 GTI A, byte (Greater Than Immediate) <1> Operation code : 00100111 Data <2> Number of bytes : 2 <3> Number of states : 7 (7) <4> Function : A–byte–1; Skip if no borrow. Subtracts the immediate data in the 2nd byte and 1 from the contents of the accumulator. Skips if no borrow is generated as a result of the subtraction (A>byte). <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY GTI r, byte (Greater Than Immediate) <1> Operation code : 01110100 00101R2 R1 R0 Data <2> Number of bytes : 3 <3> Number of states : 11 (11) <4> Function : r–byte–1; Skip if no borrow. Subtracts the immediate data in the 3rd byte and 1 from the contents of the register r (V, A, B, C, D, E, H, L) specified by R2R1R0 (0 to 7). Skip if no borrow is generated as a result of the subtraction (r>byte). <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY GTI sr2, byte (Greater Than Immediate) <1> Operation code : 01100100 S3 0101S2 S1 S0 Data <2> Number of bytes : 3 <3> Number of states : 14 (11) <4> Function : sr2–byte–1; Skip if no borrow. Subtracts the immediate data in the 3rd byte and 1 from the contents of the special register sr2 (PA, PB, PC, PD, PF, MKH, MKL, ANM, SMH, EOM, TMM) specified by S3S2S1S0 (0 to 3, 5 to 9, B, D). Skips if no borrow is generated as a result of the subtraction (sr2>byte). <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |